Part Number Hot Search : 
PIC18F65 TSOP11 ABR601 42500 LTC4088 RF2051SB L4952D CPH3423
Product Description
Full Text Search
 

To Download B88069X0400S102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Spark Gap
FS04X-1JM Ordering code: B88069X0400S102
Nominal breakdown voltage VN Initial values Static breakdown voltage VS 1) 2) First ignition value VS, FTE after 24 hours in darkness Following ignition values (selection limits) Following ignition values VS, FIV Breakdown voltage VB (measuring time 200 ms) 4) First ignition value VB, FTE Following ignition values VB, FIV Electrical life time 3) Breakdown voltage VB First ignition value VB, FTE initial after 24 hours in darkness First ignition value VB, FTE after 24 hours in darkness Following ignition values VB, FIV Switching operations at - 40 C at - 40 C at +25 C at +25 C at +125 C Ignition time tI 60 ms 5) Ignition time tI 200 ms Ignition time tI 60 ms Ignition time tI 200 ms Ignition time tI 60 ms
400
V
460 360 ... 420 350 ... 430 460 340 ... 460
V V V V V
460 500 340 ... 460 60 000 100 000 100 000 200 000 200 000 500 10 680 0.5 ~ 500 > 100 2 50 200 50 ~2
400 WW Y O
V V V Ignitions Ignitions Ignitions Ignitions Ignitions V k nF H A M % ns Hz mA g
Test circuit parameters Open circuit voltage V0 Loading resistance R Discharge capacitance C Inductance L Discharge peak current IP General technical data Insulation resistance at 100 V Early ignition values below 340 V Breakdown time Maximum switching frequency Maximum loading current Weight Marking, blue
400 WWY O
- Nominal voltage - Calendar week of production - Year of production - Non radioactive
1) 2) 3) 4) 5)
At delivery AQL 0,65 level II, DIN ISO 2859 Page 2, Fig. 1 and 2 Page 2, Fig. 3 and 4 Page 2, Fig. 3 and 4, 100 % outgoing inspection After storage in darkness for 30 days
AB E / AB PM Page 1 of 2
Issue 05, 11.03.2003
Switching Spark Gap
FS04X-1JM Ordering code: B88069X0400S102
Fig. 1: QC- test circuit (100% outgoing inspection)
I = const 51k
Fig. 2: Explanation of measurands
VS, FTE VS VS, FIV
0,22F
DUT
VS
VN
t ICU - VN
DUT device under test ICU ignition control unit (sensitivity 10 .. 30 A) Discharge current 10 - 20 mA Fig. 3: QC- test circuit (sampling inspection at 25 C)
R L VB VN VO C DUT VB
dVS/dt ~ dVN/dt Fig. 4: Explanation of measurands
VB, FTE Range of VB, FIV Early ignition VB, FTE
t tI 1s 10 s
Not to scale Dimensions in mm Non controlled document
EPCOS AG 2002. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. AB E / AB PM Page 2 of 2 Issue 05, 11.03.2003


▲Up To Search▲   

 
Price & Availability of B88069X0400S102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X